Part Number Hot Search : 
LTM4605 D6102G V285ME10 SSH6N55A SPP20N60 SDR605 PS100 12C887
Product Description
Full Text Search
 

To Download P0991DF-1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
SLIC Protection
Fixed Voltage Enhanced Single Port Series - MS-012
Description The MS-012 packaged Fixed Voltage Enhanced Single Port Series are SIDACtor(R) devices designed to protect sensitive SLICs (Subscriber Line Interface Circuit) from damaging overvoltage transients. The series provides single port protection using a fixed voltage switching device for negative surges. Positive surges are routed though enhanced switching diodes to a ground reference. The series is also pin-to-pin compatible to industry standard programmable SO-8 SLIC protectors. Features & Benefits diodes for positive voltage surges one package Pinout footprint
(Tip) (NC) (NC) (Ring)
1 2 3 4 8 7 6 5
Agency Approvals
Agency Agency File Number E133083
surged in excess of ratings
(Tip) (Ground) (Ground) (Ring)
Applicable Global Standards
Level Schematic Symbol
1 8
2 3
7 6
4
5
Electrical Characteristics
VDRM@ IDRM=5A V min P0641DF-1E P0721DF-1E P0901DF-1E P0991DF-1E P1001DF-1E P1101DF-1E P1301DF-1E P1701DF-1E P0641F1E P0721F1E P0901F1E P0991F1E P1001F1E P1101F1E P1301F1E P1701F1E 58 65 75 80 85 95 120 160 VS@100V/s V max 77 88 98 104 110 130 160 200 IH mA min 150 150 150 150 150 150 150 150 IS mA max 800 800 800 800 800 800 800 800 IT@VT A max 1 1 1 1 1 1 1 1 VT@IT=1 Amps V max 5 5 5 5 5 5 5 5 VF@25 V max 5 5 5 5 5 5 5 5
Part Number
Marking
Capacitance
See Capacitance Values Table
Notes: - Absolute maximum ratings measured at TA= 25C (unless otherwise noted). - Devices are uni-directional - VF < 8.5 volts @ 10 x 700s Amps
(c) 2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
105
Fixed Voltage Enh. Single
SIDACtor (R) Protection Thyristors
SLIC Protection
Capacitance Values
pF Pin 1,8-6,7 / 4,5-6,7 Tip-Ground, Ring-Ground MIN MAX 40 90 35 85 30 80 25 75 25 75 25 70 20 70 20 70 pF Pin 1,8-4,5 Tip-Ring MIN MAX 20 45 20 45 20 40 15 35 15 35 15 30 15 30 15 30
Part Number P0641DF-1E P0721DF-1E P0901DF-1E P0991DF-1E P1001DF-1E P1101DF-1E P1301DF-1E P1701DF-1E
Fixed Voltage Enh. Single
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Surge Ratings
IPP Series 2x10s A min F 120 1.2x50s/8x20s A min 100 10x700/5x310s A min 50 10x1000s A min 30 ITSM 600VRMS 1s A min 1 di/dt Amps/s max 500
Notes: - Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP ratings applicable over temperature range of -40C to +85C < TJ < +150C
Thermal Considerations
Package
MS-012
8 7 6
Symbol TJ
5
Parameter
Value -40 to +150 -65 to +150 120
Unit C C C W
1
TS
2 3 4
0JA
V-I Characteristics
+I VF
tr x td Pulse Waveform
IPP - Peak Pulse Current - %IPP
100
Peak Value
tr = rise time to peak value td = decay time to half value
Waveform = tr x td
VS VDRM -V
VT +V
50
IDRM IH IS IT -I
Half Value
0 0 tr td t - Time (s)
106
(c) 2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
SIDACtor (R) Protection Thyristors
SLIC Protection
Normalized VS Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
Percent of VS Change - %
10 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
IH (TC = 25C)
14 12
2.0 1.8 1.6 1.4 1.2 1.0
IH
25 C
25C
Ratio of
0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
Junction Temperature (TJ) - C
Case Temperature (TC) - C
Soldering Parameters
Pb-Free assembly (see Fig. 1) +150C +200C 60-180 secs.
Reflow Condition
- Temperature Min (Ts(min))
Figure 1
TP
Ramp-up
tP
Critical Zone TL to TP
Pre Heat
- Temperature Max (Ts(max)) - Time (Min to Max) (ts)
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak) TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
TL TS(max)
Preheat
tL
Ramp-down
+217C 60-150 secs.
TS(min)
tS
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed 8 min. Max. +260C 30 secs. Max.
25 time to peak temperature (t 25C to peak)
Time
Environmental Specifications
High Temp Voltage Blocking (VDC JESD22-A-101
Physical Specifications
Temp Cycling JESD22-A104 Biased Temp & Humidity High Temp Storage Low Temp Storage 52 VDC +150C 1008 hrs. MIL-STD-750 (Method 1031)
Lead Material Terminal Finish Body Material
Copper Alloy 100% Matte-Tin Plated
classification 94V-0
Thermal Shock JESD22-A-106 Autoclave (Pressure Cooker Test) Resistance to Solder Heat Moisture Sensitivity Level
(c) 2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
107
Fixed Voltage Enh. Single
0.8
SIDACtor (R) Protection Thyristors
SLIC Protection
Dimensions -- MS-012
Inches MIN 0.053 0.004 0.043 0.012 0.007 0.189 0.228 0.150 0.016 MAX 0.069 0.010 0.065 0.020 0.010 0.197 0.244 0.157 0.050 Millimeters MIN 1.35 0.10 1.25 0.31 0.17 4.80 5.80 3.80 0.40 MAX 1.75 0.25 1.65 0.51 0.25 5.00 6.20 4.00 1.27
Dimension A A1 A2
o
Recommended Soldering Pad Outline (Reference Only)
Fixed Voltage Enh. Single
C D E E1 e L
Basic Spacing between Centers
Part Numbering
Part Marking
P xxx 1 DF -1E
TYPE P: SIDACtor MEDIAN VOLTAGE CONSTRUCTION VARIABLE SINGLE ENHANCED
IPP RATING
PACKAGE TYPE
XXXXXF1E o XXXXX
Part Number Code
(Refer to Electrical Characteristics Table)
Date Code
Packing Options
Package Type D Pack Description MS-012 SMT 8-pin 2500 EIA-481-D Quantity Added Suffix Industry Standard
Tape and Reel Specifications -- MS-012
4.0 (.158) 8.0 (.315) 2.0 (.079) 1.55 (.061)
DIMENSIONS ARE:
MILLIMETERS (INCHES)
0.40 (0.016)
0.8 MIN. (0.03)
5.5 (.216)
o
12.0 (.472)
6.4 (.252)
1.50 o MIN. (.059)
0 MIN. 2.1 (.083)
Cover Tape
Carrier Tape Embossment
Direction of Feed
0.512 (13.0) Arbor Hole Dia.
12.99 (330.0) Dimensions are in inches (and millimeters).
0.49 (12.4)
Direction of Feed
108
(c) 2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.


▲Up To Search▲   

 
Price & Availability of P0991DF-1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X